PART |
Description |
Maker |
9BFB24P2H003 |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9WG1224E101-E 9WG1248G101-E 9WG1212F101-E 9WG1212H |
AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
9SG5724P5H61 9SG5748P5G01 |
nullAC Fan 120 9AD type
|
List of Unclassifed Manufacturers
|
9GL1224E101 9GL1212G101 9GL1248M101 9GL1224H101 9G |
AC Fan 120 9AD type AC Fan 120 9AD type
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
299-91-608-10-002 299-93-608-10-002 299-93-306-11- |
FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾 FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾 FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾 Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾 Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes FAN DIP 220VAC DAF77B3 W/O FG
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
535079-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 120 EURO TYPE C RECEPT AP ASSY ( AMP )
|
Tyco Electronics
|
PT2129A PT2129A-S84S PT2129A-S84D PT2129A-S21S PT2 |
FAN MALTESE 115VAC MA2B3 W/O FG Remote Fan Controller IC 遥控风扇控制IC FAN 48 DC SPRITE SD48B2 遥控风扇控制IC FAN MALTESE 12VDC MT12B3 遥控风扇控制IC
|
PTC[Princeton Technology Corp] Princeton Technology Corporation Princeton Technology, Corp.
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|